Part Number Hot Search : 
40300 73E4R47G 73E4R47G 80N06 10040 D5N50 2SC5544 74HC1G
Product Description
Full Text Search
 

To Download 2SD1265A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1265 2SD1265A
DESCRIPTION *With TO-220Fa package *Low collector saturation voltage *Wide area of safe operation APPLICATIONS *For audio frequency power applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL PARAMETER 2SD1265 VCBO Collector-base voltage 2SD1265A 2SD1265 VCEO Collector-emitter voltage 2SD1265A VEBO IC ICM IB Emitter-base voltage Collector current (DC) Collector current-peak Base current TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 Open collector Open base 80 8 4 6 1 30 W V A A A Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER 2SD1265 VCEO(SUS) Collector-emitter sustaining voltage 2SD1265A VCEsat VBE ICBO IEBO hFE-1 hFE-2 Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain IC=2A; IB=0.4A IC=1A ; VCE=3V VCB=20V; IE=0 VEB=8V; IC=0 IC=0.1A ; VCE=3V IC=1A ; VCE=3V IC=0.2A , L=25mH CONDITIONS
2SD1265 2SD1265A
MIN 60
TYP.
MAX
UNIT
V 80 1.0 1.2 30 1 40 30 160 V V A mA
hFE-2 Classifications Q 30-60 P 500-100 O 80-160
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1265 2SD1265A
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1265A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X